csrs065v0-g features -fast reverse recovery t ime. -fast t urn on t ime. -low capacitance smd packages. mechanical data circuit diagram page 1 qw -bp013 esd protection array w orking v oltage: 5v olts rohs device maximum ratings (at t a =25c unless otherwise noted) rev :c parameter symbol v alue unit comchip t echnology co., l td. s o t - 2 3 - 6 electrical characteristics (at t a =25c unless otherwise noted) parameter symbol max. unit conditions min. + rail gnd driver receiver t ransient t ransient suppressed forward voltage reverse stand-of f voltage diode breakdown voltage reverse leakage current junction capacitance esd capability peak pulse power i f =50ma i r =1 a v r wm =5v f=1mhz, v r =0v , line to ground f=1mhz, v r =0v , line to line iec 61000-4-2 t p =8/20 s v f v r wm v bd i r c t esd p pp 6 v v v a pf kv w 1.2 5 5 5 16 300 operating temperature t j -55 to +150 c applications -case: sot -23-6 standard package, plastic. molded -t erminals: gold plated, solderable per mil- std-750d, method 2026. -mounting position: any . -w eight: 0.013 gram (approx.). d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) s o t - 2 3 - 6 0.1 19(3.02) 0.1 1 1(2.82) 0.067(1.70) 0.059(1.50) 0.079(2.00) 0.071(1.80) 0.045(1.15) 0.041(1.05) 0.020(0.50) 0.012(0.30) 0.1 16(2.95) 0.104(2.65) 0.008(0.20) 0.004(0.10) 0.024(0.60) 0.012(0.30) 0.004(0.10) 0.001(0.01)
page 2 comchip t echnology co., l td. rating and characteristic curves (csrs065v0-g ) fig.2 power derating % r a t e p o w e r o ambient t emperature ( c) 0 fig.1 pulse power vs. t ime p o w e r ( w ) t ime ( s) 0 . 1 1 . 0 1 0 0 0 fig.3 pulse w aveform 0 % o f i p p t ime ( s) 4 0 1 0 0 0 1 5 0 . 0 1 3 0 1 5 0 1 0 fig.4 clamp v oltage vs. pulse current c l a m p v o l t a g e ( v ) ipp, peak current (a) 0 . 1 0 6 0 1 0 0 4 0 2 0 5 0 1 0 0 1 2 5 2 0 6 0 8 0 1 0 1 0 0 8 0 1 2 5 7 5 8/20 s waveform 5 1 0 2 5 2 0 8/20 s waveform 0 6 1 2 2 4 1 0 8 0 1 0 2 5 5 1 5 2 0 fig.5 forward v oltage vs. forward current 0 f o r w a r d v o l t a g e ( v ) i f , forward current (a) 4 0 1 0 0 0 6 1 2 2 0 6 0 8 0 2 4 1 0 8 8/20 s waveform fig.6 capacitance vs. reverse v oltage 0 c j , c a p a c i t a n c e ( p f ) v r , reverse v oltage (v) 4 1 0 0 3 6 2 6 8 1 2 5 4 rev :c esd protection array qw -bp013
page 3 comchip t echnology co., l td. rev :c esd protection array qw -bp013 b c d d d 2 d 1 s o t - 2 3 - 6 s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 3 . 1 7 0 . 1 0 3 . 2 3 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 1 0 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 5 0 . 0 m i n . 1 3 . 0 0 . 2 0 1 . 3 7 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 0 . 2 2 0 . 0 5 1 4 . 4 m a x . 1 7 8 1 0 . 1 2 7 0 . 0 0 4 0 . 1 2 4 0 . 0 0 4 0 . 0 5 4 0 . 0 0 4 0 . 0 6 1 0 . 0 0 4 7 . 0 0 8 0 . 0 4 0 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 1 3 8 0 . 0 0 2 0 . 0 6 9 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 2 0 . 5 6 7 m a x e f p p 0 p 1 t w 1 s o t - 2 3 - 6 8 . 0 0 0 . 3 0 w 0 . 3 1 5 0 . 0 1 2 0 . 3 1 5 0 . 0 1 2 0 . 0 0 9 0 . 0 0 2 o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification i n d e x h o l e d e f b w p p 0 p 1 a
page 4 comchip t echnology co., l td. suggested p ad layout size (inch) (mm) sot -23-6 e a b c d rev :c 0.043 1.10 0.60 0.95 0.024 0.037 2.50 0.098 3.60 0.142 esd protection array qw -bp013 a d c b e marking code 5v4 1 2 3 6 4 5 pin1 part number csrs065v0-g marking code 5v4 standard packaging c a s e t y p e 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k s o t - 2 3 - 6
|